Part Number Hot Search : 
4S15W 4111M OAC2027A MSM5218 M100D 1N5524 XQ2VP70 60100
Product Description
Full Text Search
 

To Download 1N4002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N 4001 ... 1N 4007, 1N 4007-1300 EM 513, EM 516, EM 518 Silicon Rectifiers Silizium Gleichrichter
Nominal current - Nennstrom
O 2.6
-0.1
1A 50...2000 V DO-41 DO-204AL 0.4 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
0.5
62.5
5.1 -0.1
Type
O 0.8
0.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack see page 16 siehe Seite 16
Dimensions / Mae in mm
Maximum ratings Type Typ 1N 4001 1N 4002 1N 4003 1N 4004 1N 4005 1N 4006 1N 4007 1N 4007-1300 EM 513 EM 516 EM 518 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 1300 1600 1800 2000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 1300 1600 1800 2000
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle
1
TA = 75/C TA = 100/C f > 15 Hz TA = 25/C
IFAV IFAV IFRM IFSM
1 A 1) 0.75 A 1) 10 A 1) 50 A
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 58 28.02.2002
1N 4001 ... 1N 4007, 1N 4007-1300 EM 513, EM 516, EM 518 Rating for fusing - Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur TA = 25/C i2t Tj TS 12.5 A2s - 50...+175/C - 50...+175/C
Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Tj = 25/C Tj = 25/C Tj = 100/C IF = 1 A VR = VRRM VR = VRRM VF IR IR RthA
Kennwerte < 1.1 V < 5 :A < 50 :A < 45 K/W 1)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 28.02.2002
59


▲Up To Search▲   

 
Price & Availability of 1N4002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X